Part Number Hot Search : 
L5931 CBCX68 TB0195A 00222 1N627 1N3331R SP8808A M51946A
Product Description
Full Text Search
 

To Download AM038R1-00 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
AM038R1-00 Features
0.985 1.785 1.131
I Low Conversion Loss, 9 dB I Low LO Power Requirement, 8 dBm I Image Rejection, 18 dB I No DC Bias Required I Requires External IF 90 Hybrid
Chip Outline
OHMIC ADDED 9-4-92
1.258
OHMIC ADDED 9-4-92
0.890
0.890
Description
Alpha's image rejection balanced GaAs Schottky diode mixer has a typical conversion loss of 9 dB at an LO power level as low as 8 dBm over the band 33-43 GHz. An external 90 IF hybrid is required to combine the IF1 and IF2 signals at the desired IF frequency. The chip uses Alpha's proven Schottky diode technology, and is based upon MBE layers for the highest uniformity and repeatability. The diodes employ surface passivation to ensure a rugged, reliable part with through-substrate via holes and gold-based backside metallization to facilitate an epoxy die attach process. All chips are screened for DC diode parameters and lot samples are RF measured to guarantee performance. This device is recommended for applications requiring down conversion.
SMHO 05
0.489
1
0.085 0.000 0.000 0.191 0.983 1.133 1.925 2.010
Dimensions indicated in mm. All pads are 0.07 mm wide. Chip thickness = 0.1 mm.
Absolute Maximum Ratings
Characteristic Operating Temperature Storage Temperature Total Input Power (RF + LO) Value -55C to +125C -65C to +150C 23 dBm
Electrical Specifications at 25C
Parameter RF and LO Frequency Range IF Frequency Range LO Power Level Conversion Loss1 Image Rejection1 RF and LO Return Loss1 LO to RF Isolation1 LO to IF Isolation1 RF Input 1 dB Compression Point1 Individual Diode Series Resistance
1. Not measured on a 100% basis. 2. Typical represents the median parameter value across the specified frequency range for the median chip.
Symbol FRF, FLO FIF PLO LC IR RLRF, RLLO ISOLO-RF ISOLO-IF P1 dB RS
Min.
Typ.2 33-43 0-3 8-14 9 18 12 12 23 7
Max.
Unit GHz GHz dBm dB dB dB dB dB dBm
3.0
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 2/00A
1
33-43 GHz GaAs MMIC Image Rejection Balanced Mixer
AM038R1-00
Typical Performance Data
16 50 16 LO to IF Isolation 50
Return Loss & Isolation (dB)
Return Loss & Isolation (dB)
Conversion Loss (dB)
14 LO to IF Isolation 12 10 8 LO Return Loss 6 7 9 11 13 15 17 19 LO to RF Isolation Conversion Loss
40 30 20 10 0
Conversion Loss (dB)
14 12 10 LO Return Loss 8 LO to RF Isolation 6 31 32 33 34 35 36 37 38
40 30 20 10 0
Conversion Loss
LO Power (dBm)
LO Frequency (GHz)
Performance vs. LO Power FRF = 40 GHz, FLO = 38 GHz, PRF = -10 dBm
25
Performance vs. LO Frequency FRF = FLO + 2 GHz, PLO = 10 dBm
25
Image Rejection (dB)
Image Rejection (dB)
20 15 10 5 0 7 9 11 13 15 17 19
20 15 10 5 0 31 32 33 34 35 36 37 38
LO Power (dBm)
LO Frequency (GHz)
Image Rejection vs. LO Power FRF = 40 GHz, FLO = 38 GHz, PRF = -10 dBm Image Frequency = 36 GHz
Image Rejection vs. LO Frequency FRF = FLO + 2 GHz, PLO = 10 dBm Image Frequency = FLO - 2 GHz
Wire Bonding Configuration
Circuit Schematic
90 Phase Shifter/Splitter 0 Splitter
OHMIC ADDED 9-4-92
LO
LO
OHMIC ADDED 9-4-92
RF
IF1 RF
SMHO 05
IF2
1
IF1
IF ports bonded to IF hybrid.
IF2
2
Alpha Industries, Inc. [781] 935-5150 * Fax [617] 824-4579 * Email sales@alphaind.com * www.alphaind.com
Specifications subject to change without notice. 2/00A


▲Up To Search▲   

 
Price & Availability of AM038R1-00

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X